PART |
Description |
Maker |
2020.0002 |
Miniature Telecom fuse; Voltage Rating: 250V; Current Rating: 0.63A; Characteristic: TIME LAG BLOW ELECTRIC FUSE, 0.63A, 250VAC, 1500A (IR), INLINE/HOLDER
|
SCHURTER AG
|
7010.3280 70103110 7010.3310 7010.3410 7010.3480 7 |
Miniature Fuse, 5 x 20 mm, Quick-Acting F, NF, 220 VAC
|
Schurter Inc.
|
0034.3102 0034.3104 0034.3120 0034.3129 0034.3128 |
Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
|
Schurter Inc.
|
00341001 0034.1001 0034.1002 0034.1003 0034.1004 0 |
Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
|
Schurter Inc.
|
00011021 0001.1022 0001.1024 0001.1025 0001.1027 0 |
Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, Sand, 250 VAC
|
Schurter Inc.
|
SP6.3X32 SP6.3X32-18 |
Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, Sand, 250 VAC
|
Schurter Inc.
|
A12FA660V |
Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 660 VAC
|
Schurter Inc.
|
0034.1513.XX 0034.1514.XX 0034.1515.XX 0034.1516.X |
Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, L, 250 VAC
|
Schurter Inc.
|
ATS-56003-C4-R012 |
maxiFLOW Heat Sink, NO TIM, BLACK-ANODIZED
|
Advanced Thermal Solutions, Inc.
|
ST72T331N2T3 ST72T331N4T6 |
Leaded Cartridge Fuse; Current Rating:1.5A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Body Material:Glass; Diameter:4.5mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:No; Length:14.48mm 8位微控制
|
STMicroelectronics N.V.
|
AA016A AA025A AA06A AA010A AA032A |
FUSE 16A HRC FUSE 25A HRC FUSE 6A HRC FUSE 10A HRC 保险0A条人权委员会 FUSE 32A HRC
|
Cooper Bussmann, Inc.
|